Part Number Hot Search : 
P4SMA200 1897830 HAT3006R TC350 L6562D EM350316 ESAC34M BL1640
Product Description
Full Text Search
 

To Download MM3Z20VBW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R)
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Absolute Maximum Ratings
Symbol PD TSTG TOPR Power Dissipation Storage Temperature Range Operating Temperature Range TA = 25C unless otherwise noted Value 200 -65 to +150 -65 to +150 Units mW C C
Green Product
Parameter
These ratings are limiting values above which the serviceability of the diode may be impaired.
SOD-323 Flat Lead
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V VZ Tolerance Selection of 2% (B Series) Flat Lead SOD-323 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type MM3Z2V4BW MM3Z2V7BW MM3Z3V0BW MM3Z3V3BW MM3Z3V6BW MM3Z3V9BW MM3Z4V3BW MM3Z4V7BW MM3Z5V1BW MM3Z5V6BW MM3Z6V2BW MM3Z6V8BW MM3Z7V5BW MM3Z8V2BW MM3Z9V1BW MM3Z10VBW MM3Z11VBW MM3Z12VBW MM3Z13VBW MM3Z15VBW MM3Z16VBW MM3Z18VBW Device Marking 0Z 1Z 2Z 3Z 4Z 5Z 6Z 7Z 8Z 9Z AZ BZ CZ DZ EZ FZ GZ HZ JZ KZ LZ MZ
TA = 25C unless otherwise noted VZ @ IZT (Volts) Min 2.35 2.65 2.94 3.23 3.53 3.82 4.21 4.61 5.00 5.49 6.08 6.66 7.35 8.04 8.92 9.80 10.78 11.76 12.74 14.70 15.68 17.64 Nom 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 Max 2.45 2.75 3.06 3.37 3.67 3.98 4.39 4.79 5.20 5.71 6.32 6.94 7.65 8.36 9.28 10.20 11.22 12.24 13.26 15.30 16.32 18.36 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZT @ IZT () Max 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 ZZK @ IZK () Max 564 564 564 564 564 564 564 470 451 376 141 75 75 75 94 141 141 141 160 188 188 212 IR @ VR (A) Max 45 18 9 4.5 4.5 2.7 2.7 2.7 1.8 0.9 2.7 1.8 0.9 0.63 0.45 0.18 0.09 0.09 0.09 0.045 0.045 0.045 VR (Volts) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6
Oct 2008 Release, Revision C Page 1
MM3Z2V4BW through MM3Z75VBW
TAK CHEONG
Electrical Characteristics
Device Type MM3Z20VBW MM3Z22VBW MM3Z24VBW MM3Z27VBW MM3Z30VBW MM3Z33VBW MM3Z36VBW MM3Z39VBW MM3Z43VBW MM3Z47VBW MM3Z51VBW MM3Z56VBW MM3Z62VBW MM3Z68VBW MM3Z75VBW Device Marking NZ PZ RZ SZ TZ UZ VZ WZ XZ YZ -Z =Z Z >Z (R)
SEMICONDUCTOR
TA = 25C unless otherwise noted VZ @ IZT (Volts) Min 19.60 21.56 23.52 26.46 29.40 32.34 35.28 38.22 42.14 46.06 49.98 54.88 60.76 66.64 73.50 Nom 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 Max 20.40 22.44 24.48 27.54 30.60 33.66 36.72 39.78 43.86 47.94 52.02 57.12 63.24 69.36 76.50 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 ZZT @ IZT () Max 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 IZK (mA) 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ZZK @ IZK () Max 212 235 235 282 282 306 329 329 353 353 376 400 423 447 470 IR @ VR (A) Max 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 0.045 VR (Volts) 14.0 15.4 16.8 18.9 21.0 23.0 25.2 27.3 30.1 33.0 35.7 39.2 43.4 47.6 52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types Notes: 1. 2. 3. 4. The Zener Voltage (VZ) is tested under pulse condition of 10mS. The device numbers listed have a standard tolerance on the nominal zener voltage of 2%. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest Tak Cheong Electronics representative. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Oct 2008 Release, Revision C Page 2
TAK CHEONG
(R)
SEMICONDUCTOR
RATING AND CHARACTERISTIC CURVES
Fig.1 TYPICAL FORWARD VOLTAGE
Fig.2 EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
Fig.3 MAXIMUM NONREPETITIVE SURGE
Fig.4 TYPICAL CAPACITANCE
Fig.5 ZENER BREAKDOWN CHARACTERISTICS
Fig.6 ZENER BREAKDOWN CHARACTERISTICS
Oct 2008 Release, Revision C Page 3
TAK CHEONG
(R)
SEMICONDUCTOR
Fig.7 TYPICAL LEAKGE CURRENT
Oct 2008 Release, Revision C Page 4
TAK CHEONG
SOD-323 Package Outline
(R)
SEMICONDUCTOR
NOTE: The above package outline is similar to JEITA SC-90.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Oct 2008 Release, Revision C Page 5


▲Up To Search▲   

 
Price & Availability of MM3Z20VBW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X